PART |
Description |
Maker |
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MC33762DM-2525R2 |
Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8
|
ON Semiconductor
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
M5238AFP M5238AL M5238AP M5238P M5238FP |
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS 双路低噪声J - FET输入运算放大 DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS CRYSTAL 30.000 MHZ 10PF SMD 双低噪声JFET输入运算放大 Dual Low Noise J-Fet Input Operational Amplifier
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
HMC549MS8G-10 |
DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
|
Hittite Microwave Corpo...
|
LT1024MD LT1024AMD LT1024ACD LT1024 LT1024C LT1024 |
Dual,Matched,Picomapere,Microvolt Input,Low Noise Op Amp(双路,匹配型,微微安培,微伏输入,低噪声运算放大 DualMatched Picoampere Microvolt InputLow Noise Op Amp Dual, Matched Picoampere, Microvolt Input Low Noise Op Amp From old datasheet system Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp Dual /Matched Picoampere / Microvolt Input /Low Noise Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
SC1458BWLTRT SC1458AWLTRT SC1458AEVB SC1458BEVB |
Dual Output Low Noise LDO Linear Regulator
|
Semtech Corporation
|
HA4-5112883 HA-5104 |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers Dual/ Low Noise/ High Performance Uncompensated Operational Amplifier
|
Intersil Corporation
|
LDK130PU18R LDK130PU15R LDK130PU12R LDK130PU10R LD |
300 mA low quiescent current very low noise LDO
|
ST Microelectronics
|